Part Number Hot Search : 
CP100 NJM7812 ET1820 DM0765 M68000UM 87760 MAX4561 SG117G
Product Description
Full Text Search
 

To Download 51216-0400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0512160400 Active
2.00mm (.079") Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, Positive Lock, 4 Circuits
Documents: 3D Model Drawing (PDF) Product Specification PS-51216-005 (PDF)
Product Specification PS-51216-006 (PDF) Product Specification PS-51216-007 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only Crimp Housings 51216 N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Product Name
Physical
Circuits (maximum) Color - Resin Gender Glow-Wire Compliant Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating 4 Natural Female No Polyester 1 Bag No 0.079 In 2.00 mm No -25C to +85C
Material Info Reference - Drawing Numbers
Product Specification PS-51216-005, PS-51216-006, PS-51216-007, RPS-51216-003, RPS-51216-004, RPS-51216-005, RPS-51216-006, RPS-51216-007, RPS-51216-008, RPS-51216-009, RPS-51216-010, RPS-51216-011, RPS-51216-012 SD-51216-004 Search Parts in this Series 51216Series Mates With 51227 Use With 51217 , 59370
Sales Drawing
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 51216-0400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X